Part Number Hot Search : 
P1602AAL 0315K SB101 SB101 BF410C 0315K TA7318P PS9634
Product Description
Full Text Search
 

To Download OISSG1310L01113 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product description features specifications oissg serie oidsg serie unit operating wavelength range 1310 15 or 1480 15 or c-band: 1528 ~ 1564 or l-band: 1570 ~ 1605 nm insertion loss [1] standard pmd < 0.4 - db low pmd < 0.45 - db - < 0.5 isolation (over operating wavelength range, 0~70c, all sop) > 20 >35 db polarization dependent loss < 0.06 < 0.08 db polarization mode dispersion standard pmd < 0.25 < 0.05 ps low pmd < 0.05 - ps return loss (input/output ports) > 55/50 db maximum power handling < 500 mw fiber type corning smf-28 operating temperature 0 to +70 c storage temperature -40 to +85 c package dimensions [3] p1: (?) 5.5 x (l) 34.0, with boot p2: (?) 5.5 x (l) 34.0, without boot mm applications performance specification ns note: [1] the maximum il is under all states of polarization and within the full operating tempera - ture and wavelength ranges specifed. [2] all the parameters are excluding connectors. [3] the mechanical tolerance should be +/-0.2mm on all package dimensions unless otherwise custom specifed s0059 - r03. 20100616 green polarization insensitive fiber isolator oixsg series oplinks green isolator is based on glass encapsulated micro-optic packaging technology and minimizes back refection and back scattering in the reverse direction for any state of polarization. the green isolator is a low cost model with excellent performance such as low insertion loss, high isolation, high re - turn loss, low polarization dependent loss (pdl) and low polarization mode dispersion (pmd) for dual-stage isolator. ? wide operating wavelength range and temperature range ? low insertion loss ? high isolation ? u ltra low pdl & option for ultra low pmd ? highly stable & reliable ? epoxy-free optical path ? fiberoptic amplifers ? catv fiberoptic links ? wdm systems ? fiberoptic instruments ? transmitters and fiber lasers ? laboratory r&d
46335 landing pkwy fremont, ca 94538 tel: (510) 933-7200 fax: (510) 933-7300 email: sales@oplink.com ? www.oplink.com product lines: ? mux/demux ? switching/routing ? coupling/splitting ? monitoring/conditioning ? amplifcation ? transmission ? interconnect ? rgb laser modules oi sg ordering information mechanical drawing / package dimensions (dimension in mm) p2 package: p1 package: oplink can provide a remarkable range of customized optical solutions. for detail, please contact oplinks oem design team or account manager for your requirements and ordering information (510) 933-7200. 34mm ? 5.5mm 47 2mm 34mm ?5.5mm 0 stage package & fiber jacket single stage = s dual stage = d p1 + 250m bare fber = 11 p1 + 900m loose tube = 12 p2 + 250m bare fber = 21 wavelength fiber length** pmd options* 1310 nm= 1310 1480 nm= 1480 1550 nm= 1550 1585 nm= 1585 1.0 meter = 1 1.5 meters = 5 2.0 meters = 2 standard = s low pmd = l connector type none = 1 fc/pc = 2 fc/spc = 3 fc/apc = 4 sc/pc = 5 sc/spc = 6 sc/apc = 7 st = 8 lc = 9 mu = a green polarization insensitive fiber isolator oixsg series s0059 - r03. 20100616 *for oidsg series, the pmd option is s. for oissg series, the pmd option is s or l based on customers requirement. **the tolerance of fber length is +/-0.1m. 1 meter is standard. the lead-time for special fber length will be longer.


▲Up To Search▲   

 
Price & Availability of OISSG1310L01113

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X